Part Number Hot Search : 
SG6980 GS9002A 025PR CC300 29LV033 F4010 LBN08025 1590A
Product Description
Full Text Search
 

To Download MBR6040PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 september 3,2010-rev.02 MBR6040PT series features ? plastic package has underwriters laboratory flammability classification 94v-o. flame retardant epoxy molding compound. ? metal silicon junction, majority carrier conduction ? low power loss, high efficiency. ? high current capability ? guardring for overvoltage protection ? for use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. ? in compliance with eu rohs 2002/95/ec directives schottky barrier rectifiers voltage current 40 to 200 volts 60 amperes mechanical data ? case: to-247ad / to-3p molded plastic ? terminals: solder plated, solderable per mil-std-750, method 2026 ? polarity: as marked. ? mounting position: any ? weight: 0.2245 ounces, 6.3673 grams. note : both bonding and chip structure are available. maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% parameter symbol MBR6040PT mbr6045pt mbr6050pt mbr6060pt mbr6080pt mbr6090pt mbr60100pt mbr60150pt mbr60200pt units maximum recurrent peak reverse voltage v rrm 40 45 50 60 80 90 100 150 200 v maximum rms voltage v rms 28 31.5 35 42 56 63 70 105 140 v maximum dc blocking voltage v dc 40 45 50 60 80 90 100 150 140 v maximum average forward current i f(av) 60 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 400 a maximum forward voltage at 30a per leg v f 0.7 0.79 0.8 0.9 v maximum dc reverse current at rated dc blocking voltage t j =25 o c t j =100 o c i r 0.1 20 0.05 20 ma typical thermal resistance r ? jc 1.5 o c / w operating junction and storage temperature range t j ,t stg -55 to + 150 -65 to +175 o c 0.640(16.25) 0.620(15.75) 0.142(3.60) 0.125(3.20) 0.087(2.20) 0.070(1.80) 0.126(3.20) 0.110(2.80) 0.050(1.25) 0.045(1.15) 0.225(5.70) 0.204(5.20) 0.225(5.70) 0.204(5.20) 0.600(15.25) 0.580(14.75) 0.839(21.30) 0.819(20.80) 0.170(4.30) 0.145(3.70) 0.798(20.25) 0.777(19.75) 0.199(5.05) 0.175(4.45) 0.095(2.40) 0.030(0.75) 0.017(0.45) www.datasheet.co.kr datasheet pdf - http://www..net/
page . 2 september 3,2010-rev.02 MBR6040PT series fig.1- forward current derating curve rating and characteristic curves fig.2- maximum non-repetitive surge current fig.4- typical instantaneous forward characteristic instantaneous forward current , amperes instantaneous forward voltage, volts no. of cycle at 60hz 0 1 2 5 10 20 50 100 40 80 120 160 200 240 280 320 360 400 440 peak forward surge current, amperes fig.3- typical reverse characteristic 0 10 1.0 0.1 0.01 .001 20 40 60 80 100 instantaneous reverse current, ma percent of instantaneous reverse voltage, % lead temperature, c o 100 80 40 0 20 60 0 20 40 60 80 100 120 140 160 180 average forward current, amperes resistive or inductive load 40v 45-200v 40 10 8 6 4 2 1.0 0.8 0.6 0.4 0.2 0.1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 40-45v 50-100v 150-200v t =100 c j o t=75 c j o t=25 c j o www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of MBR6040PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X